PART |
Description |
Maker |
KBPC810 KBPC8005 KBPC801 KBPC802 KBPC804 KBPC806 K |
1000V Bridge in a D-72 package 50V Bridge in a D-72 package 100V Bridge in a D-72 package 200V Bridge in a D-72 package 400V Bridge in a D-72 package 600V Bridge in a D-72 package 800V Bridge in a D-72 package
|
International Rectifier
|
6GBU005 6GBU01 6GBU02 6GBU04 6GBU06 6GBU08 |
50V Bridge in a GBU package 100V Bridge in a GBU package 200V Bridge in a GBU package 400V Bridge in a GBU package 600V Bridge in a GBU package 800V Bridge in a GBU package
|
International Rectifier
|
KBPC108 KBPC1005 KBPC101 KBPC102 KBPC104 KBPC106 K |
3A,6A single phase rectifier bridges 3 A Single Phase Rectifier Bridges(3A 单向整流器桥) 三单相整流桥3A条单向整流器桥) 6 A Single Phase Rectifier Bridges(6A 单向整流器桥) 1000V Bridge in a D-72 package 800V Bridge in a D-72 package 600V Bridge in a D-72 package 400V Bridge in a D-72 package 200V Bridge in a D-72 package 50V Bridge in a D-72 package 1000V Bridge in a D-46 package 600V Bridge in a D-46 package 400V Bridge in a D-46 package 200V Bridge in a D-46 package 100V Bridge in a D-46 package 50V Bridge in a D-46 package 800V Bridge in a D-46 package 6 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
Vishay Siliconix International Rectifier, Corp. VISHAY SEMICONDUCTORS
|
KBPC606 KBPC610 KBPC600 KBPC601 KBPC602 KBPC604 KB |
100V Bridge in a D-72 package SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
|
International Rectifier JGD[Jinan Gude Electronic Device]
|
HIP2100EIB HIP2100EIBZ HIP2100IBZ HIP2100IR HIP210 |
100V/2A Peak High-Frequency Half Bridge Driver with CMOS Logic Inputs; Temperature Range: -40°C to 85°C; Package: 12-DFN T&R 2 A HALF BRDG BASED MOSFET DRIVER, DSO12 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
26MB140 36MB140 36MB160 26MB160A 36MB160A 26MB160 |
IC REG LDO 1.0A 2.5V SOT-223 (36MB140A / 36MB160A) SINGLE PHASE BRIDGE Power Modules 1600V Bridge in a D-34A package 1400V Bridge in a GBPC-A package
|
IRF[International Rectifier]
|
IR2086STR |
High Speed 100V Self Oscillating 50% Duty Cycle Full Bridge High and Low Side Driver in a 16-lead SOIC package
|
International Rectifier
|
IRFG110 JANTX2N7334 JANTX2N7334N JANTXV2N7334 JANT |
TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 100V V(BR)DSS | 1A I(D) | DIP POWER MOSFET THRU-HOLE (MO-036AB) 100V Quad N-Channel MOSFET in a MO-036AB package 100V Single N-Channel Hi-Rel MOSFET in a MO-036AB package
|
International Rectifier
|
160MT100KB 160MT120K 160MT120KB 160MT160KB 130MT80 |
THREE PHASE BRIDGE 三相桥式 800V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1200V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRHG563110 IRHG567110 IRHG563110P IRHG567110P IRHG |
-100V 100kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a MO-036AB package 100V Dual 2N- and 2P- Channel MOSFET in a MO-036AB package -100V 300kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a MO-036AB package RADIATION HARDENED POWER MOSFET THRU-HOLE 100V, Combination 2N-2P-CHANNEL
|
IRF[International Rectifier]
|
IRF5NJ540 |
Avalanche Energy Ratings POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*) SURFACE MOUNT (SMD-0.5)100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|